Part Number Hot Search : 
SL1505 01906 LM324A 1336M D2587P59 1217M KL07ES A1205LLH
Product Description
Full Text Search
 

To Download VP2611 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VP2611
H.261 Encoder
Supersedes June 1996 edition, DS3487 - 4.0 DS3487 - 4.1 December 1998
VP2611
FEATURES
DESCRIPTION
The VP2611 Video Compression Source Coder forms part of a chip set used in video conferencing, video telephony and multimedia applications. It produces data which conforms to the H261 standard for video compression with rates between 64K and 2M bits per second. With a 27 MHz clock the device will accept data produced to full CIF resolution at 30 Hz frame rates. The pipeline latency through the device is only 3 macro block periods. The VP2611 contains all the elements necessary for the compression algorithm. It incorporates a Motion Vector Estimator which performs a +/- 7 pixel search. The decision to use inter or intra frame compression is made by the device, and the selected data blocks are read from the frame store. New or difference data is then passed through a Discrete Cosine Transformer and quantized. Data from the quantizer is also inverse quantized and passed through an Inverse Discrete Cosine Transformer. This re-constructed data is then written to the frame store for use in the next frame period.This frame store is managed by an internal DRAM controller, and no external logic is needed. The input data must be in YUV space, and must also conform to the six sub blocks per macro block format defined by H261. Any conversion from RGB format is performed by the VP510 Colour Space Converter. Any reduction in spatial resolution, down to CIF or QCIF requirements, is done by the VP520 Three Channel Video Filter. The quantized data is zig-zag scanned and run length coded before being output, together with block information and motion vectors.
s s s s s s s
Fully integrated H261 video encoder Up to full CIF resolution and 30 Hz frame rates Inputs YUV data in 8 x 8 sub block format Outputs run length coded coefficients On chip motion vector estimator with +/-7 pixel search window Addresses and control generated internally for DRAM frame store QFP package
ASSOCIATED PRODUCTS
s s s s s
VP510 Colour Space Converter VP520S CIF/QCIF Converter VP2612 Video Multiplexer VP2614 Video Demultiplexer VP2615 H.261 Decoder
USER INTERFACE R G B VP510 COLOUR SPACE CONVERTER VIDEO SYNC Y VP520 3 CHANNEL VIDEO FILTER REQYUV FRMIN
SYSTEM CONTROLLER
Cr/Cb NTSC PAL COMP VIDEO DECODER
RLC DATA VP2611 INTEGRATED FLAGS VIDEO ENCODER
VP2612 VIDEO MULTIPLEXER
MBLK'S
ADDR CIF FRAME STORE 16 X128K DATA CIF FRAME STORE 16X128K CIF RESOLUTION Y 352 X 288 Cr/Cb 176 x 144 TX BUFFER 32K X 8
H261 BIT STREAM 64kb to 2Mb/s
CCIR601 RESOLUTION Y 720 X 288 Cr/Cb 360 x 288 Y 720 X 240 Cr/Cb 360 x 240 NTSC
PAL
Fig 1 : Typical Video Conferencing Transmission System
1
VP2611
PIN DESCRIPTIONS
YUV7:0 This input bus accepts YUV data one pixel at a time from the preprocessor, clocked in on the rising edge of PCLK. This signal is used to strobe in data at the YUV port and must be derived by dividing SYSCLK with an integer greater than one. This input should be pulled high to prepare the VP2611 to code a new frame. It must be held high for at least one SYSCLK cycle and then must be pulled low again before the next frame begins. The VP2611 will respond to the rising edge of FRMIN by asserting REQYUV appproximately 184 SYSCLK cycles later. This output is pulled high to request that YUV data be input for a new MacroBlock. It is pulled low again 1871 SYSCLK cycles later. It remains low during Dummy MacroBlocks and during the lay period between frames. This output bus serves several functions as defined by DMODE3:0. In addition to providing the quantized coefficients and motion vectors, it is used to output control information. Output flag port for DBUS7:0 bus. The value at this port identifies the data type appearing on DBUS7:0 during the same period. This output pulses high for a minimum of 37ns each time new data is output on DBUS or DMODE. It can be used as an edge sensitive strobe signal or a level sensitive "valid" signal. This bidirectional port is connected to the frame store. Row Address Strobe output for the external DRAMs. Column Address Strobe output for the external DRAMs.
YUV BLOCK FORMAT FORWARD PATH SUB DCT Q Zig Zag RLC Motion Vectors Q Step Force Intra
R/W1 R/W2
Read/Write control for external DRAM 1. Read/Write control for external DRAM 2. N/C if 256k DRAMs. Output Enable control for external DRAM 1 or ADR8. Output Enable control for external DRAM 2. N/C if 256k DRAMs. Address output for the external DRAMs. Bi-directional data bus for use by a Microprocessor. Data and insructions are clocked on and off the chip on the rising edge of CSTR. Data strobe for the CBUS port. An enabling signal for the CBUS port. When high, this signal defines CBUS as a data bus, and when low as an instruction input. System clock, run at 27MHz maximum. The clock must be high for between 35% and 65% of each clock cycle. This clock is used for all internal operations. Active low power on reset which must be held low for at least 2064 cycles. Test clock for JTAG. Test Mode Select for JTAG. Input JTAG test data. Output JTAG test data. Reset JTAG controller (active low).
PCLK
OE1
OE2 ADR7:0 CBUS7:0
FRMIN
REQYUV
CSTR CEN CADR
DBUS7:0
SYSCLK
DMODE3:0
RESET TCK
DCLK
TMS TDI TDO TRST
SW15:0
RAS
CAS
NOTE: "Barred" active low signals do not appear with a bar in the main body of the text.
INTER/INTRA DECISION PROCESSOR
IQ DATA BUS
IDCT
MOTION VECTOR ESTIMATOR Search Window
LOW PASS FILTER Predicted block Force Filter
ADD Force Intra Force Filter CONTROL LOGIC Block Info
BUS FLAGS
FRAME STORE INTERFACE
ADDRESS
CONTROL
DATA
HOST DATA & CONTROL
2
Fig 2 : Simplified Block Diagram
VP2611
OPERATION OF MAJOR BLOCKS Motion Vector Estimator
The motion estimator calculates the mean absolute error ( MAE ) for each possible position of the combined luminance block in a search window from the previous frame. The combined luminance block consists of 16 x 16 pixels, and in the search window this is displaced between -7 to +7 vertically, and -8 to +7 horizontally. The two lsb's of each pixel are discarded and the MAE value is contained within 14 bits. The minimum MAE value, representing the best match between the previous and current block, is passed to the motion compensation decision block, together with the position of this best fit in the search window. The zero displacement MAE value is also passed to this block, which then decides whether the best fit is sufficiently better than the zero displacement fit. It uses the characteristic shown in Figure 3, where the 14 bit MAE is a Hex value. In the area to the right of the line all points defined by the two MAE values will cause motion compensation to be applied. In this case the best fit MAE value is used by the inter/intra decision processor, otherwise the zero displacement value is used.
Minimum Mean Absolute Err or in Hex
180
140
MC Off
x = 1.125y
100
CO
AB
80
MC On
5F
40 20
40
80
CO
100 140 180
Zero Movement Absolute Error in Hex
Fig 3 : MC Decision Slope
Inter/Intra Decision Processor
The MAE value passed by the motion compensation decision block is compared to the simplified variance of the current block. This simplified variance is calculated by summing the moduli of the differences between each luminance pixel and the mean luminance value over the whole macroblock. Eight bit pixels are used, and the variance value is expressed in 14 bits by discarding the two lsb's from the actual 16 bit result. It can then be directly compared to the 14 bit MAE value. If the MAE value is below a user defined threshold inter mode coding is always selected. The default threshold is 3, on a scale from 0 to 255 using the 8 msb's from the 14 bit value. Above this threshold inter mode is only selected if the variance of the current block is greater than or equal to the MAE value in use. In order to avoid gradual picture degredation, every 61st Macroblock input to the VP2611 is coded in intra mode regardless of the above decision. As 61 is a prime number, this will ensure that each macroblock will be transmitted in intra mode at least once in every 61 transmissions. If FIX MACROBLOCK or SKIP PICTURE is invoked this Force Intra'
counter will be disabled. The user may overide the internal Inter/Intra decision at any time using the CBUS control port. A user generated forced inter mode will overide an internally generated Force Intra'.
Low Pass Filter
The macroblock selected from the previous frame in motion compensated inter mode coding, will be filtered before it is subtracted from the current block. This decision can be overidden externally by the system controller. The Filter uses a simple [ 1 2 1 ] characteristic in both vertical and horizontal dimensions as specified in H.261 on the macroblock boundaries [010] is used.
SYMBOL t RAC t CAC t RP t CP t RAS t CAS t REF
PARAMETER Access time from RAS Access time from CAS RAS precharge time CAS precharge time RAS pulse width CAS pulse width Time to refresh 256 rows
MINIMUM 50ns or under 15ns or under 90ns or under 50ns or under -
MAXIMUM 105ns or under 25ns or under 0.25ms or over
N.B. All times are quoted assuming 27MHz operation. For lower clock frequencies increase the above values proportionately.
Table 1 : External DRAM timing requirements
3
VP2611
Frame Store Manager
The previous picture is stored in an external CIF DRAM frame store, which is connected by a glueless interface. The internal Frame Store Manager controls all read, write, and refresh operations to these DRAMs. No provision is made to allow the use of smaller DRAM's, if only QCIF operation is required. During the coding of each macroblock columns of the search window are read from these DRAMs, and finally the "best fit" macroBlock is obtained. At the completion of coding the fully processed new macroblock is written to the DRAM's, after it has been decoded again. In this way the frame store maintains a bit-accurate duplicate of the image seen by the Decoder (excepting transmission errors). Several configurations are possible to make the required 128Kx16 store. Two 64K x 16 DRAMs could be employed; in this case use the default 1M DRAM mode when setting up the chip. Otherwise, a single 256K x 16 DRAM or four 256K x 4 DRAMs could be used. In these last two cases use OE1 as ADR8, RW1 as R/W, and do not connect RW2 and OE2. Also, use the Setup instruction at the CPORT to put the device into 4M DRAM mode. Table 1 details the critical timing parameters which the external DRAM must meet with SYSCLK running at 27MHz. Note that, if used at slower speeds, the requirements on the DRAM timing are relaxed with the exception of refresh. The number of refresh cycles the VP2611 produces is directly proportional to the SYSCLK frequency.
Zig Zag Scan
This is essentially an address generator which reorders the DCT coefficients according to the standard zig-zag scan pattern. This has the effect of concentrating the significant coefficients at the beginning of the sub-block, improving the efficiency of the Run Length Coder.
Run Length Coder
Each coefficient output from the zig zag scan is examined. If it is non-zero, then the Run Length Coding circuit will pass the coefficient magnitude to the output port along with its zero count i.e. the number of zero magnitude coefficients preceding it within the same 8x8 sub-block.
Inverse Quantize
This circuit replicates the operation of the inverse quantizer in the decoder. It reconstructs the 12 bit DCT coefficients from the 8 bit quantized inputs, using the 5 bit quantization value. This is achieved using the following formulae. If QUANT is odd : REC = QUANT*(2*LEVEL+1) : LEVEL > 0 REC = QUANT*(2*LEVEL-1) : LEVEL < 0 If QUANT is even : REC = QUANT*(2*LEVEL+1)-1 : LEVEL > 0 REC = QUANT*(2*LEVEL-1)+1 : LEVEL < 0 For Intra Coded DC Coefficients : REC = 8*LEVEL except if LEVEL=255 when REC=1024 If LEVEL=0 then REC=0 in all cases. The reconstructed values (REC) are passed through a Clipping Circuit in case of arithmetic overflow. Thus, the Inverse Quantizer restores the DCT coefficients to their original value but with quantisation error.
Discrete Cosine Transform
This circuit performs a Discrete Cosine Transform on each 8x8 sub block, whether in inter or intra mode. In intra mode, eight bit pixel data is used, with a ninth implied sign bit ( all pixel data is positive ). In inter mode the difference between the current and best fit previous block is used. This will be a two's complement number. Twelve bit coefficients are produced by the DCT, and passed on to the quantizer.
Quantize
This section quantizes the results of the DCT by dividing the 12 bit output from the DCT with a host supplied value. The 5 bit quantization value supplied corresponds to division of the 12 bit coefficients ( range 2048 ) by values from 2 to 62, but in steps of 2. This variable quantization strategy allows the volume of data generated by the encoder to be adjusted dynamically, depending on the fullness of the transmission buffer. For H.261 applications it uses the quantisation value provided at the control port during the previous Macroblock period (or at some earlier time). An option is provided which allows two quantisation values to be used, one for use with inter coded macroblocks, and the other for use with intra coded macroblocks. As specified in H.261, the DC coefficient of an Intra coded Block is treated differently and the 12 bit value is always divided by 8. When the quantization value is small, and the DCT coefficient is large, there is a danger of overflow in the eight bit output. To avoid this a clipping circuit is included at the output of the quantizer, which saturates at the maximum values.
Inverse DCT
This circuit replicates the operation of the Inverse Cosine Transform in the Decoder, and outputs 9 bit signed pixel data (intra mode) or pixel difference data (inter mode). The IDCT fully meets the CCITT specification.
Reconstruction Adder
In Inter Mode, the IDCT data is added to the best fit block from the previous frame store. In Intra mode, the IDCT data is simply added to zero. After the adder, the sign bit is removed from the result to give 8 bit pixels. Clipping circuits ensure that any pixels with values exceeding 255 are clipped to 255, and any with negative values are clipped to zero (such values are possible due to quantization noise).
4
VP2611
2064 cycles YUV Input Frame Store Read Control Decisions Frame Store Write DBUS Output
MB1 DUMMY DUMMY DUMMY DUMMY MB2 MB1 MB1 DUMMY DUMMY MB3 MB2 MB2 DUMMY DUMMY MB4 MB3 MB3 MB1 MB1
SUBBLOCK ORDER WITHIN MAC ROBLOCK
1
2 5 6 V
3 Y
4
U
Fig 4: MacroBlock Pipelining
OPERATION OF INTERFACES Macroblock Delays
The VP2611 has a three macroblock pipeline delay between pixel inputs and run length coded outputs. This is illustrated in Figure 4. Whilst the second macroblock is being input, the best fit macroblock from the previous frame is being identified and then read from the frame store. At this time any Control Decisions which are to effect the first macroblock must be supplied by the host controller. The run length coded outputs for the first macroblock are not available until the fourth macroblock is supplied at the input pins.
PIXEL ORDER WITHIN SUBBLO CK 00 01 02 03 04 05 06 07 08 09 10 11 12 13 14 15 16 17 18 03 20 21 22 23 19 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63
Fig 5 : Ordering of Pixels
YUV Input Port
The YUV port accepts pixel data from the preprocessor in block format as illustrated in Figure 5. Within a complete system the VP2611 is always the master device, and must be supplied with macroblock data when it makes a demand. The order in which pixels are supplied is pre-determined, and must be strictly maintained. There are 64 pixels per sub-block and 4 luminance and 2 chrominance sub-blocks per macroblock. The macroblocks themselves are divided into groups of blocks ( GOB's ), and the sequence specified in H.261 must also be maintained. Note that, since the chrominance resolution is half the luminance resolution both vertically and horizontally, then the two chrominance blocks cover the same picture area as the four luminance blocks. The pre-processor producing macroblock data must produce a frame start signal ( FRMIN ) when it has a complete frame of data available. This resets the input controller within the VP2611, which will then generate sequential GOB and macroblock numbers for the coded outputs referenced to this input. FRMIN must go high for at least one system clock period, and must go low before the next frame is available. The VP2611 responds to FRMIN with a request for macroblock data ( REQYUV ), which occurs approximately 184 SYSCLK periods after FRMIN. It must then receive a complete macroblock within 1871 SYSCLK periods, and at the end of this time REQYUV will go inactive. The VP2611 must be provided with a PCLK signal to strobe in the data. This must be derived from SYSCLK, and must only be present when there is valid data at the input. Data must meet the set up and hold times with respect to PCLK as specified in Figure 6. The maximum peak rate for PCLK is the SYSCLK rate divided by two, but since there are 384 bytes per macroblock
then theoretically the average rate need only be 384/1871 times the SYSCLK rate. Note that PCLK must always be obtained by dividing SYSCLK by an integer greater than one. When the VP520 CIF/QCIF Converter is supplying the VP2611 with data, it provides a peak PCLK rate equivalent to SYSCLK divided by two, and an average rate of SYSCLK divided by four. The mimimum gap between REQYUV going active is 2064 SYSCLK periods. In full CIF mode "dummy" macroblocks are internally inserted between rows, in order to give the chip sufficient time to load a new search window. No new YUV data must be loaded during these dummy macroblocks, and REQYUV will remain inactive. No dummy macroblocks are required in QCIF mode. With a 27MHz SYSCLK all macroblocks will be coded in less than a 30Hz frame rate period, and there will be a period of inactivity before FRMIN goes active again. During this period the output bus will remain static at all ones, and no output strobe ( DCLK ) will be produced.
SCLK/2 20ns PCLK 10ns YUV7:0 N.B. All timings given are MINIMUM values. 0ns 20ns
Fig 6 : Timing at YUV Port
5
VP2611
DBUS Output Port
START MB
The DBUS port is used to pass data and control information directly to the VP2612 Video Multiplexer. The type of data on the output pins is identified by the DMODE 3:0 outputs, using the codes shown in Table 2. An output strobe is also produced ( DCLK ) which always goes high one system clock period after the data defined by DMODE 3:0 becomes valid. This edge is used to strobe the data into the Video Multiplexer, and thus the data set up time is always one SYSCLK period minus differential output delays. The number of SYSCLK periods during which data remains valid is dependent on the type of data, and DCLK remains high for this same period. It goes low as the result of the same SYSCLK rising edge which produces a change in DMODE 3:0. The output delays with respect to SYSCLK are illustrated in Figure 8, and Figure 9 shows a typical output sequence during which DCLK remains high for several cycles as the sub-block number ( code 7 ) is produced. During a Wait State ( code 15 ) no DCLK transitions are produced. The actual sequence of output events which occur for each macroblock, and the duration of each event, are illustrated in Figure 7. The output events are defined in more detail below; Control Decisions : This byte shows which control decisions have been taken for the forthcoming macroblock. DBUS0 will be high if a Fixed Macroblock (FIX MB) was enforced i.e. no new data will be transmitted this macroblock. DBUS1 indicates whether Inter (high) or Intra (low) coding was used for the macroblock. DBUS2 will be high if the macroblock was filtered, and DBUS3 will be high if motion compensation was used. DBUS5 will be high if the current frame is being coded in FAST UPDATE mode. In this mode the complete frame will be intra coded. DBUS6 will be high if the current frame is a SKIP FRAME i.e. not being coded - so no coefficients will be transmitted. DBUS4 and DBUS7 are not used.
WAIT
(2 cycles)
IS IT A DUMMY BLOCK? no CONTROL GOB MB CBP QUANT HORZ MV VERT MV
yes
(2 cycles) (2 cycles) (2 cycles) (2 cycles) (2 cycles) (2 cycles) (2 cycles)
ARE ANY BLOCKS CODED?
no
yes WAIT (32 cycles)
SUB BLK NO
(15 cycles)
RUN LENGTH
(2 cycles) (2 cycles) (1 cycle)
MAGNITUDE WAIT
DMODE3:0 0000 0001 0010 0011 0100 0101 0110 0111 1000 1001 1010 1011 1100 1101 1110 1111
FUNCTION GOB Number MB Number Control Decisions Quant Value Horizontal MV Vertical MV Coded Blk Pattern Sub-Block No Zero Run Count RLC Coefficient Not used Not used Not used Not used Not used Wait State
ARE ALL COEFFS no O/P? yes WAIT
(wait variable time to make total time since start of sub-block up to 335 cycles)
no
ARE ALL BLOCKS O/P? yes WAIT END MB (variable cycles)
6
Table 2 : DBUS Functions
Fig 7 : DBUS Port Flow Chart
VP2611
CBUS3:0 0000 0001 0010 0011 0100 0101 0110 0111 1000 1001 1010 1011 1100 1101 1110 1111 INSTRUCTION Input VAR Threshold Reserved Input Inter Quantiser Input Intra Quantiser Input Setup Data Input Control Functions Reserved Reserved Output GOB Number Output MB Number Reserved Output Control Decisions Output Setup Data Reserved Reserved Overide internal clock doubler
Table 3 : CBUS Instruction Codes
SCLK
DCLK 20ns max 25ns max DATA FROM VP2611 DMODE 3:0 DATA VALID 20ns max
DATA VALID
Fig 8: Timing diagram
GOB Number : At the start of each new macroblock, the current GOB Number is output on DBUS3:0. (DBUS3 is MSB). MB Number : After the GOB Number, the macroblock Number is output on DBUS5:0 (DBUS5 is MSB). Coded Block Pattern : This byte contains a 6 bit linear code that indicates which of the sub-blocks actually contain coded data. DBUS6 will be high if sub-block 1 contains coded data, through to DBUS 1 being high if sub-block 6 contains coded data. DBUS7 and DBUS0 are not used. Note that if the macro block is not motion compensated and the coded block pattern is all zero's, the fixed macro block bit will be set in the control decisions byte. Quant Value :The quantisation value used in processing the current macroblock is output on DBUS4:0 (DBUS4 is MSB). This represents an actual quantisation level between 2 and 62, in steps of 2 and as defined in H.261. Horizontal MV : If motion compensation is used, the horizontal component of the motion vector will be output on DBUS4:0 (DBUS4 is MSB). This 5 bit value represents a two's complement number in the range +/-15 (although only vectors in the range -8 to +7 are currently possible with the VP2611). Vertical MV : If motion compensation is used, the vertical component of the motion vector will be output on DBUS4:0 (DBUS4 is MSB). This 5 bit value represents a two's complement number in the range 15 ( although only vectors in the range 7 are currently possible with the VP2611).
Sub-block Number : An identifier for the run length coded coefficients which are about to be made available. DBUS 2:0 contain the coded sub-block number from 1 to 6. All zero sub-blocks will not be produced at the outputs, and their corresponding numbers will not appear. Zero Run Count : The number of zero valued coefficents preceding the next non zero coefficient is available on DBUS5:0 (DBUS5 is MSB). Normally, DBUS7:6 are low, except to signify the end of a Sub-block, when they will both be high. Zero Run Count is always followed by a coefficient, even at the end of a sub-block. RLC Coefficient : This byte contains the 8 bit coefficient value. It will always be a non-zero value, except when the previous Zero Run Count signalled the end of sub-Block. A zero value is then possible since, as stated above, the run count is always followed by a coefficient byte, which may be zero if the last coefficient is zero. Wait State : This indicates that no valid data is being output from the DBUS port during this cycle. No DCLK is produced for this state. Pins which are "not used" for certain functions will be forced low.
This diagram shows a typical Sub-block being output from the VP2611.
DCLK DMODE DBUS 15 X 7 2 8 0 9 4 15 X 8 1 9 -2 15 X 8 252 9 0 15 X
Both msb's are high showing end of block.
Fig 9: DBUS Timing
7
VP2611
CBUS Control Port
The CBUS control port is used to input control and setup information and also to output status information. In order to save on pin count, a microprocessor driving this port is required to execute two I/O instructions in order to transfer a single byte of information to or from the device. The first transfer is always a write operation, with a low level on the single address line which is used by the interface. Data on the bus then defines the instructions listed in Table 3. The second transfer can be a read or write operation as necessary, but the address line must then be high with the set up time given in Figure 10. In addition to the single addresss line (CADR), data transfers use a control strobe (CSTR) which is only effective when a chip enable is present (CEN). Detailed timing information is given in Figure 10, and when writing data or instructions to the VP2615 the set up and hold times which are referenced to the rising edge of CSTR must be maintained. When a write instruction has been defined CADR should be pulled high, valid data presented to CBUS7:0 and then strobed in using CSTR. Other system I/O transfers can occur between defining a write operation and supplying the data to be written, assuming CEN is not active during those other transfers. If CSTR does not go active because of I/O transfers to other devices, then CEN can remain active low between the instruction and data. When a read instruction has been specified the requested data will then be output on CBUS7:0 after the access time specified from CEN going low, assuming that CADR was already high. Otherwise the data will become valid after the access time specified from CADR going high after CEN was
G OO C US WRITING DATA FROM THE CBUS: This diagram shows a typical instruction and associated data field being written to the device.
CEN
20ns 20ns 20ns 20ns 10ns 10ns 20ns 10ns 20ns 20ns 20ns 20ns 10ns 10ns 10ns
CADR CSTR CBUS I/P
INSTRUCTION
DATA IN
READING INFORMATION ON CBUS : This diagram shows a typical instruction and associated data field being read from the device.
CEN
20ns 20ns 20ns 20ns 20ns 10ns 50ns 20ns* 10ns Th 10ns 10ns 20ns 20ns 10ns 10ns
CADR CSTR CBUS
* 20ns
20ns
*
INSTRUCTION
DATA OUT
If Th is less than 5 ns then CBUS may be driven by the VP2615until CEN going high eventually turns off the drivers. It will not prevent correct data being read when CEN again goes active N.B. All timings shown are minimum values except those marked * which are maximums.
Fig 10 : Use of the Control Port
8
VP2611
low. Note that in the data read phase CADR must always go high before CSTR goes high, with the set up time specified. When CEN goes high, or CADR goes low, the CBUS will go high impedance after the delay specified. Note that the access times under the conditions given above are only true when the gap between CSTR going high in the instruction phase, and CEN going low in the data phase, is greater than the minimum specified in figure 10. Only the four LSBs, CBUS3:0, are used when writing instructions to the VP2611. The remaining bits, CBUS7:4, should be pulled low while the instruction is strobed into the VP2611. The instructions listed in Table 3 are described below in greater detail; Input VAR Threshold: VAR is the difference between the best fit MAE value and the variance of the current macroblock. The VAR Threshold is the best fit MAE value below which Inter Frame Prediction is always used, no matter what the variance of the current block. Above this threshold inter mode coding is only used if the best fit value is less than the current block variance. The default value is 3, within a range of 0 - 255 using the eight most significant bits of the 14 bit value. In normal operation values below 15 should be used. Input Inter Quantiser: Coefficents of inter coded macroblocks will be quantized using the value on CBUS4:0 following this instruction. Internally this represents a 6 bit number with the lsb always zero, giving a value between 0 and 62 in steps of two. Where only one quantization value is to be used for both inter and intra cases, this instruction should be used. On reset the value will default to the maximum allowed. See note below. Input Intra Quantiser: This instruction is similar to the above, except that it defines the quantization level for intra mode coding when it is to be different to that of inter mode coding. See note below. Input Setup Data: This instruction allows several user defined options to be specified, using individual bits in the following data word. If CBUS0 is LOW the device will work in full CIF mode , if HIGH it uses the QCIF mode. If CBUS3 is HIGH both inter and intra quantization values will be used, otherwise a common value will be used. If CBUS5 is high then the motion compensation circuits will be disabled. If CBUS6 is high, then the device will be configured to use 256K x 16 or 256K x 4 DRAM's, otherwise it will assume the use of two 64K x 16 DRAM's. The default conditions after RESET are those selected by the Low level. CBUS1, CBUS2, CBUS4 and CBUS7 are not used but must be low during the definition phase. This instruction may be used any time after RESET has gone high, but the video input bus must not be active. If a subsequent mode change between CIF and QCIF is made then a further RESET is needed. Input Control Functions: This instruction specifies several control options using individual bits in the following data word. If CBUS0 is HIGH then the on board Inter/Intra Decision circuitry will be overidden according to CBUS1; if CBUS1 is HIGH then all subsequent macroblocks will be intra coded, if it is LOW they will be inter coded. When CBUS2 is HIGH the on-board Filter Decision circuitry is overidden according to CBUS3; if CBUS3 is HIGH then the filter will be forced on, if it is LOW the filter will be forced off. If CBUS4 is HIGH then FIX MB will be implemented, and no new data from the current macroblock will be coded. A two macroblock delay exists between defining the Force Inter/Intra, Force Filter or FIX MB decisions through the control bus and data being affected at the outputs. These decisions will stand for all subsequent macroblocks until they are again changed. If CBUS5 is HIGH a FAST UPDATE will be performed on the next frame and all blocks will be coded in intra mode. If CBUS6 is HIGH then the next frame will not be transmitted ( SKIP FRAME ). Note that these two global frame bits do not take effect until the start of the next frame, and stay in effect for all frames until they are removed. If CBUS7 is HIGH, then the onboard Force Update Controller will be overidden, and the user will have to enforce their own Force Update policy using the Force Intra command. RESET will cause the options to default to those defined by the LOW state. Note that SKIP FRAME has priority over any other bits and that FIXMB has priority over all bits bar SKIP FRAME. See note below. Output GOB Number: This instruction will output the GOB Number on CBUS3:0, for the data currently being output on DBUS. CBUS7:4 are not used (always low). Output MB Number: This instruction will output the macroblock number on CBUS5:0, for the data currently being output on DBUS. If CBUS6 is low it indicates that the macroblock number has just changed, or is about to change. New Quantization Value or Control Function words should not be written at this time since it is uncertain which macroblock they will effect. CBUS7 is not used (always low). Output Control Decisions: This instruction will output the details of several control decisions on the CBUS. CBUS0 shows whether the MacroBlock currently being output on DBUS was inter or intra coded (0=Intra). CBUS1 shows whether motion compensation was used (1=MC used). CBUS3 shows whether the macroblock was passed through the loop filter or not (1=Filtered). CBUS4 will be high if the FIX MB instruction was enforced. CBUS5 will be high if FAST UPDATE is currently being undertaken. CBUS6 will be high if SKIP FRAME is in force. CBUS2 and CBUS7 are not used. Output Setup Data: This instruction allows the user to verify the internal setup previously selected. The bits have the same significance as in the Input Setup Data Instruction. Note For definitive operation the output MB number should be read first, and these bytes only changed if CBUS b is high.
9
VP2611
Initialising the VP2611
On power-up, RESET should be low and must remain low for at least 2064 cycles of SYSCLK. After RESET is pulled high, FRMIN may be activated to start the first frame. Before activating FRMIN for the first time, it is advisable to use the CBUS to implement a FAST UPDATE for the first frame (i.e. all blocks Intra coded). Instructions are clocked into the 8 bit instruction register (no parity bit) and the following are available. Instruction Register ( MSB first ) 11111111 00000000 01000000 XX001011 Name
JTAG Test Interface
The VP2611 includes a test interface consisting of a boundary scan loop of test registers placed between the pads and the core of the chip. The control of this loop is fully JTAG/ IEEE 1149-1 1990 compatible. Please refer to this document for a full description of the standard. The interface has five dedicated pins: TMS, TDI, TDO, TCK and TRST. The TRST pin is an independent reset for the interface controller and should be pulsed low, soon after power up; if the JTAG interface is not to be used it can be tied low permanently. The TDI pin is the input for shifting in serial instruction and test data; TDO the output for test data. The TCK pin is the independent clock for the test interface and registers, and TMS the mode select signal. TDI and TMS are clocked in on the rising edge of TCK, and all output transitions on TDO happen on its falling edge.
BYPASS EXTEST (No inversion) INTEST SAMPLE/PRELOAD
Timing details for the JTAG control signals are shown in fig 11.The maximum TCK frequency is 5 MHz. The test registers, their positions in the boundary loop and the corresponding i/o pad are detailed in Table 4. Note that the three state control signals also have test registers associated with them which are labelled as TRI in Table 4. DHz is an output enable for all signals to the DRAM. The order given in Table 4 determines the serial data stream needed for JTAG testing.
Pad
Type IN IN IN IN OP TRI IN
Reg No 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63
Pad DBUS5 DBUS6 DBUS7 SW15
Type Reg No OP OP OP OP TRI IN 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
Pad
Type Reg No IN 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
TCK
RESET CADR CSTR CEN CBUS0
SW1 SW0 DHZ RAS CAS RW1 RW2 OE1 OE2 ADR0 ADR1 ADR2 ADR3 ADR4 ADR5 ADR6 ADR7 PCLK YUV7 YUV6 YUV5 YUV4 YUV3 YUV2 YUV1
OP IN OP IN TRI OP OP OP OP OP OP OP OP OP OP OP OP OP OP IN IN IN IN IN IN IN
Signal Tsu TCK Thd
SW14 SW13 SW12 SW11 SW10 SW9 SW8 SW7 SW6 SW5 SW4 SW3 SW2
OP IN OP IN OP IN OP IN OP IN OP IN OP IN OP IN OP IN OP IN OP IN OP IN OP
CBUS1 CBUS2 CBUS3
OP IN OP IN OP IN OP IN OP IN OP IN OP IN OP OP OP OP OP OP OP OP OP OP
Signal
Tprop
CBUS4
Tsu TMS toTCK timing TDI to TCK timing Chip i/p to TCK timing TCK to TDO timing 15 15 15
Thd 5 5 5
Tprop
CBUS5 CBUS6 CBUS7 DCLK DMODE0 DMODE1 DMODE2 DMODE3 DBUS0 DBUS1 DBUS2 DBUS3 DBUS4
20
Fig 11 : JTAG Interface timing
IN IN YUV0 IN SYSCLK IN IN FRMIN REQYUV OP
Table 4 Pin and JTAG test registers
10
VP2611
ABSOLUTE MAXIMUM RATINGS [See Notes]
Supply voltage VDD -0.5V to 7.0V Input voltage VIN -0.5V to VDD+ 0.5V Output voltage VOUT -0.5V to VDD + 0.5V Clamp diode current per pin IK (see note 2) 18mA Static discharge voltage (HBM) 500V Storage temperature TS -55C to 150C Ambient temperature with power applied T AMB 0C to 70C Junction temperature 125C Package power dissipation 3000mW NOTES ON MAXIMUM RATINGS 1. Exceeding these ratings may cause permanent damage. Functional operation under these conditions is not implied. 2. Maximum dissipation for 1 second should not be exceeded, only one output to be tested at any one time. 3. Exposure to absolute maximum ratings for extended periods may affect device reliablity. 4. Current is defined as negative into the device.
STATIC ELECTRICAL CHARACTERISTICS
Characteristic
Operating Conditions (unless otherwise stated) Tamb = 0 C to +70C VDD = 5.0v 5% Value Typ. Units Max. 0.4 0.8 +10 10 -50 10 +50 300 V V V V A pF A mA IOH = 4mA IOL = -4mA VDD -1V for SYSCLK and PCLK GND < VIN < VDD GND < VOUT < VDD VDD = Max Conditions
Symbol Min.
Output high voltage Output low voltage Input high voltage Input low voltage Input leakage current Input capacitance Output leakage current Output S/C current
VOH VOL VIH VIL IIN CIN IOZ ISC
2.4 2.0 -10
ORDERING INFORMATION
VP2611 CG GH1R (Commercial - Plastic QFP power package)
11
VP2611
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 Function SW3 NC SW4 SW5 GND VDD SW6 SW7 NC SW8 SW9 SW10 SW11 NC GND SW12 NC VDD SW13 SW14 NC SW15 DBUS7 DBUS6 NC DBUS5 GND VDD DBUS4 DBUS3 NC DBUS2 NC NC DBUS1 DBUS0 DMODE3 NC GND VDD DMODE2 DMODE1 DMODE0 Pin 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 Function DCLK NC CBUS7 VDD CBUS6 GND VDD CBUS5 GND CBUS4 CBUS3 CBUS2 CBUS1 NC GND VDD CBUS0 TRST CEN NC NC CSTR NC CADR RESET VDD GND TCK TMS TDI NC TDO (CLK54) REQYUV FRMIN VDD NC SYSCLK GND NC YUV0 YUV1 YUV2 Pin 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 Function YUV3 NC YUV4 YUV5 VDD GND YUV6 YUV7 NC PCLK NC NC ADR7 ADR6 ADR5 VDD GND NC ADR4 ADR3 ADR2 ADR1 GND ADR0 VDD GND NC OE2 OE1 VDD RW2 RW1 CAS RAS VDD GND NC SW0 SW1 SW2 NC NC
Pin out table for GH128 PQFP package
12
http://www.mitelsemi.com
World Headquarters - Canada Tel: +1 (613) 592 2122 Fax: +1 (613) 592 6909 North America Tel: +1 (770) 486 0194 Fax: +1 (770) 631 8213 Asia/Pacific Tel: +65 333 6193 Fax: +65 333 6192 Europe, Middle East, and Africa (EMEA) Tel: +44 (0) 1793 518528 Fax: +44 (0) 1793 518581
Information relating to products and services furnished herein by Mitel Corporation or its subsidiaries (collectively "Mitel") is believed to be reliable. However, Mitel assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. Neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by Mitel or licensed from third parties by Mitel, whatsoever. Purchasers of products are also hereby notified that the use of product in certain ways or in combination with Mitel, or non-Mitel furnished goods or services may infringe patents or other intellectual property rights owned by Mitel. This publication is issued to provide information only and (unless agreed by Mitel in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other information appearing in this publication are subject to change by Mitel without notice. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. Manufacturing does not necessarily include testing of all functions or parameters. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to Mitel's conditions of sale which are available on request.
M Mitel (design) and ST-BUS are registered trademarks of MITEL Corporation Mitel Semiconductor is an ISO 9001 Registered Company Copyright 1999 MITEL Corporation All Rights Reserved Printed in CANADA TECHNICAL DOCUMENTATION - NOT FOR RESALE


▲Up To Search▲   

 
Price & Availability of VP2611

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X